Part Number Hot Search : 
MT2121 6004IST AD603 1N4745A 00M400ST M2432 L239E BC209B
Product Description
Full Text Search
 

To Download CDD10810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CDD10810
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual Diode POW-R-BLOKTM Modules
100 Amperes/800 Volts
A B 1 2 3 H K - DIA. (2 TYP.) D
G
E
E
L - M5 THD (3 TYP.)
C
A
F J 1 2 3
CDD10810 Dual Diode POW-R-BLOKTM Modules 100 Amperes/800 Volts
Description: Powerex Dual Diode POW-R-BLOKTM Modules are designed for use in applications requiring AC to DC rectification in isolated packaging. The modules are isolated for easy mounting with other components on common heatsinks. POW-R-BLOKTM has been tested and recognized by Underwriters Laboratories (QQQX2 Power Switching Semiconductors). Features: Isolated Mounting Glass Passivated Chips
Outline Drawing
Metal Baseplate Low Thermal Impedance
Millimeters 93.5 Max. 80 30 Max. 26 Max. 21 20 17.5 12.5 6.5 Dia. 6.5 M5
Dimension A B C D E F G H J K L
Inches 3.68 Max. 3.150 1.181 Max. 1.024 Max. 0.827 0.787 0.689 0.492 0.256 0.256 Dia. M5 Metric
UL Recognized A Applications: Battery Supplies AC and DC Motor Power Supplies Ordering Information: Select the complete eight digit module part number you desire from the table below. Example: CDD10810 is an 800 Volt, 100 Ampere Dual Diode POW-R-BLOKTM Module.
Type CDD1 Voltage Volts (x100) 08 Current Rating Amperes (x10) 10
D-111
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CDD10810 Dual Diode POW-R-BLOKTM Modules 100 Amperes/800 Volts
Absolute Maximum Ratings
Characteristics Peak Reverse Blocking Voltage Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms DC Reverse Blocking Voltage RMS On-State Current Average On-State Current, TC = 90C Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz) Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz) I2t (for Fusing), 8.3 milliseconds Storage Temperature Operating Temperature Maximum Mounting Torque M6 Mounting Screw Maximum Mounting Torque M5 Terminal Screw Module Weight (Typical) V Isolation Symbol VRRM VRSM VR(DC) IF(RMS) IF(AV) IFSM IFSM I2t TSTG Tj -- -- -- VRMS CDD10810 800 960 640 155 100 2000 1800 16500 -40 to 125 -40 to 125 26 17 160 2000 Units Volts Volts Volts Amperes Amperes Amperes Amperes A2sec C C in.-lb. in.-lb. Grams Volts
D-112
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CDD10810 Dual Diode POW-R-BLOKTM Modules 100 Amperes/800 Volts
Electrical and Thermal Characteristics, Tj = 25C unless otherwise specified
Characteristics Blocking State Maximums Reverse Leakage Current, Peak Conducting State Maximums Peak On-State Voltage Thermal Maximums Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink (Lubricated) Symbol IRRM VFM R (J-C) R (C-S) Test Conditions Tj = 125C, VRRM = Rated IFM = 320A Per Module Per Module CDD10810 15 1.25 0.3 0.2 Units mA Volts C/Watt C/Watt
D-113
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CDD10810 Dual Diode POW-R-BLOKTM Modules 100 Amperes/800 Volts
MAXIMUM ON-STATE CHARACTERISTICS
INSTANTANEOUS ON-STATE VOLTAGE, VFM, (VOLTS)
MAXIMUM ALLOWABLE PEAK SURGE (NON-REPETITIVE) CURRENT
MAXIMUM ALLOWABLE CASE TEMPERATURE
MAXIMUM ALLOWABLE CASE TEMPERATURE, TC, (oC)
2.4
MAXIMUM PEAK SURGE (NON-REPETITIVE) CURRENT, IFSM, (AMPERES)
2000
Tj = 25oC
140
OPERATION DC SINGLE-PHASE THREE-PHASE
2.0
1600
120
1.6
1200
100
1.2
800
80
0.8
400
60
RESISTIVE INDUCTIVE LOAD
0.4 100
101
102
103
0 100
40 0 40 80 120 160 200
AVERAGE ON-STATE CURRENT, IF(AV), (AMPERES)
101
CYCLES AT 60 HZ
102
INSTANTANEOUS ON-STATE CURRENT, IFM, (AMPERES)
MAXIMUM ON-STATE POWER DISSIPATION
MAXIMUM POWER DISSIPATION, PAV(MAX), (WATTS)
320
OPERATION DC SINGLE-PHASE THREE-PHASE
TRANSIENT THERMAL IMPEDANCE, Z (J-C)(t), (oC/WATT)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (JUNCTION-TO-CASE) 0 10 101
0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 10-3 10-2 10-1 100
240
160
80
RESISTIVE INDUCTIVE LOAD
0 0 40 80 120 160 200
AVERAGE ON-STATE CURRENT, IF(AV), (AMPERES)
TIME, t, (SECONDS)
D-114


▲Up To Search▲   

 
Price & Availability of CDD10810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X